Part Number Hot Search : 
LQ11S44T IRS20957 MX7538BQ A8283SB KIC9459N 10200 103LF SA40A
Product Description
Full Text Search
 

To Download 15SMC110CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5 SMC Series
1500W Surface Mount Transient Voltage Suppressor
P b Lead(Pb)-Free
Features:
* For surface mounted applications in order to optimize board space * Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Excellent clamping capability * Repetition Rate(duty cycle):0.05% * Fast response time: typically less than 1.0ps from 0 Volts to BV min * Typical IR less than 1A above 10V * High temperature soldering: 250C/10 seconds at terminals
VOLTAGE 6.8 to 550 Volts Peak Pulse Power 1500 Watt
SMC(DO-214AB)
Mechanical Data:
* MECHANICAL DATA * Case: JEDEC DO214AB. Molded plastic over glass passivated junction * Terminal: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: Color band denotes positive end (cathode) except Bidirectional * Standard Packaging: 16mm tape(EIA STD RS-481) * Weight: 0.007ounce, 0.21gram
DEVICES FOR BIPOLAR APPLICATION: For Bidirectional use Suffix CA for types 1.5SMC6.8CA thru types 1.5SMC550CA Electrical characteristics apply in both directions MAXIMUM RATINGS AND CHARACTERISTICS(TA=25C Unless otherwise specified) Rating
Peak Pulse Power Dissipation on 10/1000s waveform (Note 1,FIG.1) Peak Pulse Current of on 10/1000s waveform (Note 1,FIG.3) Peak Forward Surge Current,8.3ms Single Half Sine-Wave Superimposed on Rated Load,(JEDEC Method) (Note 3) Operating junction Temperature Range Storage Temperature Range
Symbol
PPPM IPPM IFSM TJ TSTG
Value
1500(Min)
SEE TABLE 1
Units
W A A C C
200 +150 -55 to +150
Notes : 1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25C per Fig.2. 2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal. 3. 8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
WEITRON
http://www.weitron.com.tw
1/4
16-Feb-06
1.5 SMC Series
PART NUMBER UNI-POLAR 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 6.8A 7.5A 8.2A 9.1A 10A 11A 12A 13A 15A 16A 18A 20A 22A 24A 27A 30A 33A 36A 39A 43A 47A 51A 56A 62A 68A 75A 82A 91A 100A 110A 120A 130A 150A 160A 170A 180A 200A 220A 250A 300A 350A 400A 440A 480A 510A 530A 540A 550A BI-POLAR 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 1.5SMC 6.8CA 7.5CA 8.2CA 9.1CA 10CA 11CA 12CA 13CA 15CA 16CA 18CA 20CA 22CA 24CA 27CA 30CA 33CA 36CA 39CA 43CA 47CA 51CA 56CA 62CA 68CA 75CA 82CA 91CA 100CA 110CA 120CA 130CA 150CA 160CA 170CA 180CA 200CA 220CA 250CA 300CA 350CA 400CA 440CA 480CA 510CA 530CA 540CA 550CA
1.5SMC
REVERSE BREAKDO BREAKDO REVERSE TEST MAXIMUM PEAK WN WN STANDLEAKAGE CURRE CLAMPING PULSE VOLTAGE VOLTAGE OFF NT IT VOLTAGE CURRENT @ VRWM UNIBI- VOLTAGE VBR(V) VBR(V) IR(A) (mA) @Ipp Vc(V) Ipp (A) POLAR POLAR V MIN.@IT MAX.@IT RWM (V) 6V8A 6V8C 5.80 6.45 7.14 10 10.5 144.8 1000 7V5A 7V5C 6.40 7.13 7.88 10 11.3 134.5 500 8V2A 8V2C 7.02 7.79 8.61 10 12.1 125.6 200 9V1A 9V1C 7.78 8.65 9.50 1 13.4 113.4 50 10A 10C 8.55 9.50 10.50 1 14.5 104.8 10 11A 11C 9.40 10.50 11.60 1 15.6 97.4 5 12A 12C 10.20 11.40 12.60 1 16.7 91.0 5 13A 13C 11.10 12.40 13.70 1 18.2 83.5 5 15A 15C 12.80 14.30 15.80 1 21.2 71.7 5 16A 16C 13.60 15.20 16.80 1 22.5 67.6 5 18A 18C 15.30 17.10 18.90 1 25.2 60.3 5 20A 20C 17.10 19.00 21.00 1 27.7 54.9 5 22A 22C 18.80 20.90 23.10 1 30.6 49.7 5 24A 24C 20.50 22.80 25.20 1 33.2 45.8 5 27A 27C 23.10 25.70 28.40 1 37.5 40.5 5 30A 30C 25.60 28.50 31.50 1 41.4 36.7 5 33A 33C 28.20 31.40 34.70 1 45.7 33.3 5 36A 36C 30.80 34.20 37.80 1 49.9 30.5 5 39A 39C 33.30 37.10 41.00 1 53.9 28.2 5 43A 43C 36.80 40.90 45.20 1 59.3 25.6 5 47A 47C 40.20 44.70 49.40 1 64.8 23.5 5 51A 51C 43.60 48.50 53.60 1 70.1 21.7 5 56A 56C 47.80 53.20 58.80 1 77.0 19.7 5 62A 62C 53.00 58.90 65.10 1 85.0 17.9 5 68A 68C 58.10 64.60 71.40 1 92.0 16.5 5 75A 75C 64.10 71.30 78.80 1 103.0 14.8 5 82A 82C 70.10 77.90 86.10 1 113.0 13.5 5 91A 91C 77.80 86.50 95.50 1 125.0 12.2 5 68A 100C 85.50 95.00 105.00 1 137.0 11.1 5 75A 110C 94.00 105.00 116.00 1 152.0 10.0 5 120A 120C 102.00 114.00 126.00 1 165.0 5 9.2 130A 130C 111.00 124.00 137.00 1 179.0 5 8.5 150A 150C 128.00 143.00 158.00 1 207.0 5 7.3 160A 160C 136.00 152.00 168.00 1 219.0 5 6.9 170A 170C 145.00 162.00 179.00 1 234.0 5 6.5 180A 180C 154.00 171.00 189.00 1 246.0 5 6.2 200A 200C 171.00 190.00 210.00 1 274.0 5 5.5 220A 220C 185.00 209.00 231.00 1 328.0 5 4.6 250A 250C 214.00 237.00 263.00 1 344.0 5 4.4 300A 300C 256.00 285.00 315.00 1 414.0 5 3.7 350A 350C 300.00 332.00 368.00 1 482.0 5 3.2 400A 400C 342.00 380.00 420.00 1 548.0 5 2.8 440A 440C 376.00 418.00 462.00 1 602.0 5 2.5 480A 480C 408.00 456.00 504.00 1 658.0 5 2.3 510A 510C 434.00 485.00 535.00 1 698.0 5 2.1 530A 530C 477.00 503.50 556.50 1 725.0 5 2.1 540A 540C 459.00 513.00 567.00 1 740.0 5 2.0 550A 550C 495.00 522.50 577.50 1 760.0 5 2.0
MARKING CODE
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. The avaliable parts are "A" type only, the parts without A (VBR is 10%) is not avaliable.
WEITRON
http://www.weitron.com.tw
2/4
16-Feb-06
1.5 SMC Series
RATINGS AND CHARACTERISTIC CURVES
100 100
PPPM-Peak Pulse Power (kW)
Peak Pulse Power (PPP) or Current (IPP) De rat i ng in P er ce nt age , %
1.0s 10s 100s 1.0ms 10ms
87.5 75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200
10
1
0.1 0.1s
Fig. 1 - Peak Pulse Power Rating Curve
td - Pulse Width (sec.)
TA - Ambient Temperature (C)
Fig.2 - Pulse Derating Curve
150
10000
IPPM - Peak Pulse Current,% IRSM
100
Peak Value IPPM Half Value- IPPM 2
is defined as the point where the peak current decays to 50% of IPPM
C J - Cap ac i tan ce (p F)
tr = 10sec.
TJ = 25C Pulse Width (t d)
Unidirectional Bidirectional
VR = 0
1000
VR = Rated Stand-off Voltage
100
50
10/1000sec.Waveform as defined by R.E.A.
f = 1MHz Vsig = 50mVp-p TJ = 25C
td
0
0
1.0
2.0
3.0
4.0
10
5
10
100
500
Fig.3 - Pulse Waveform
t - Time(ms)
Fig. 4 - Typical Junction Capacitance
VWM - Reverse Stand-Off Voltage (V)
PM(AV),Steady State Power Dissipation (W)
7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0
1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks
L=0.375" (9.5mm) Lead Lengths
60Hz Resistive or Inductive Load
IFSM-Peak Forward Surge Current (A)
8.0
200
8.3ms Single Half Sine-Wave (JEDEC Method)TJ=TJ max.
100
25
50
75
100
125
150
175
200
10
1
10
100
Fig. 5 - Steady State Power Derating Curve
TL - Lead Temperature (C)
Number of Cycles at 60 Hz
Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only
WEITRON
http://www.weitron.com.tw
3/4
16-Feb-06
1.5 SMC Series
SMC Outline Dimension
SMC
Unit:mm
Dim
A B C D E G H J
Min
5.59 6.60 2.75 0.15 7.75 0.10 0.76 2.00
Max
6.22 7.11 3.18 0.31 8.13 0.20 1.52 2.62
WEITRON
http://www.weitron.com.tw
4/4
16-Feb-06


▲Up To Search▲   

 
Price & Availability of 15SMC110CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X